Part Number Hot Search : 
NUB611T 0505X D8224 4431A UF101 D70N0 SRF10201 A200012
Product Description
Full Text Search
 

To Download M81734FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin configuration (top view) description M81734FP is high voltage power mosfet and igbt module driver for half bridge applications. features floating supply voltage ???????? 600v output current ???????? 500ma single input type internally set deadtime half bridge driver undervoltage lockout sop-8 package applications mosfet and igbt module invert er driver for pdp, hid lamp, refrigerator, air-conditioner, washing machine, ac servomotor and general purpose. mitsubishi semiconductors M81734FP high voltage half bridge driver block diagram may. 2010 outline: 8p2s
mitsubishi semiconductors high voltage half bridge driver M81734FP 2 absolute maximum ratings (ta=25 c unless otherwise specified) symbol parameter test conditions ratings unit v b high side floating supply absolute voltage -0.5 ~ 624 v v s high side floating supply offset voltage v b -24 ~ v b +0.5 v v bs high side floating supply voltage v bs =v b -v s -0.5 ~ 24 v v ho high side output voltage v s -0.5 ~ v b +0.5 v v cc low side fixed supply voltage -0.5 ~ 24 v v lo low side output voltage -0.5 ~ vcc+0.5 v v in logic input voltage -0.5 ~ vcc+0.5 v dv s /dt allowable offset voltage transient 50 v/ns pd package power dissipation ta= 25 c ,on board 0.55 w k linear derating factor ta> 25 c ,on board 4.4 mw/ c rth(j-c) junction-case thermal resistance 50 c/w tj junction temperature -20 ~ +150 tstg storage temperature -40 ~ +150 topr operation temperature -20 ~ +125 tl solder heatproof rohs correspondence 255:10s,max 260 may. 2010 * for proper operation, the device should be used within the recommended conditions v v cc ? 0 logic input voltage v in v v cc ? 0 low side output voltage v lo v 20 ? 10 low side fixed supply voltage v cc v v b ? v s high side output voltage v ho v 20 ? 10 v bs =v b -v s high side floating supply voltage v bs v 500 ? 0 v b >10v high side floating supply offset voltage v s v v s +20 ? v s +10 high side floating supply absolute voltage v b max. typ. min. unit limits test conditions parameter symbol recommended operating conditions thermal derating factor characteristic (maximum rating) 0 0.1 0.2 0.3 0.4 0.5 0.6 0 25 50 75 100 125 150 temperature ta( o c) package power dissipation pd (w)
mitsubishi semiconductors high voltage half bridge driver M81734FP 3 may. 2010 electrical characteristics (ta=25 c,v cc =v bs (=v b -v s )=15v, unless otherwise specified) limits symbol parameter test conditions min. typ.* max. i fs floating supply leakage current v b = v s = 600v ? ? 1.0 a i bs v bs standby current in = 0v ? 0.2 0.5 ma i cc v cc standby current in = 0v 0.2 0.5 0.75 ma v oh high level output voltage i o = 0ma, lo, ho 13.8 14.4 ? v v ol low level output voltage i o = 0ma, lo, ho ? ? 0.1 v v ih high level input threshold voltage 1.6 2.2 2.7 v v il low level input threshold voltage 0.8 1.55 2.1 v i ih high level input bias current v in = 3v ? 15 45 a i il low level input bias current v in = 0v ? ? 1 a v bsuvr v bs supply uv reset voltage 7.0 8.4 9.8 v v bsuvh v bs supply uv hysteresis voltage 0.3 0.5 ? v t vbsuv v bs supply uv filter time ? 7.5 ? s v ccuvr v cc supply uv reset voltage 7.0 8.4 9.8 v v ccuvh v cc supply uv hysteresis voltage 0.3 0.5 ? v t vccuv v cc supply uv filter time ? 7.5 ? s i oh output high level short circuit pulsed current v o = 0v, pw < 10 s ? -500 ? ma i ol output low level short circuit pulsed current v o = 15v, pw < 10 s ? 500 ? ma r oh output high level on resistance i o = -200ma, r oh = (v oh -v o )/i o ?30? r ol output low level on resistance i o = 200ma, r ol = v o /i o ?12? tdead dead time lo turn-off to ho turn-on & ho turn-off to lo turn-on cl = 1000pf between ho-v s , lo-gnd v in = 0 3v 0.5 ? 1.00 s vponr power on reset voltage ? ? 6 v tponr(fil) power on reset filter time 300 ? ? ns t dlh turn-on propagation delay cl = 1000pf between ho-v s , lo-gnd v in = 0 3v 0.6 0.9 1.2 s t dhl turn-off propagation delay cl = 1000pf between ho-v s , lo-gnd v in = 0 3v 0.1 0.15 0.25 s t rh high side turn-on rise time cl = 1000pf between ho-v s ? 75 180 ns t fh high side turn-off fall time cl = 1000pf between ho-v s ? 75 180 ns t rl low side turn-on rise time cl = 1000pf between lo-gnd ? 75 180 ns t fl low side turn-off fall time cl = 1000pf between lo-gnd ? 75 180 ns * typ. is not specified. unit input/output timing diagram
mitsubishi semiconductors high voltage half bridge driver M81734FP 4 may. 2010 function timing diagram 1. ho has positive logic with reference to in . lo has negative logic with reference to in. 2. output signal (ho) is trigger ed by the edge of input signal. 3. logic during uv(v cc , v bs ) error error signal ho lo uv error (v cc ) ho is locked at ?l? level as long as uv error for v cc is detected. after v cc uv reset level, the lock for ho is removed following an ?l? state of the in signal, and then ho responds to the input. (v cc >v bs ) lo is locked at ?l? level as long as uv error for v cc is detected. after v cc exceeds v cc uv reset level, the lock for lo is removed and responds to in signal. uv error (v bs ) ho is locked at ?l? level as long as uv error for v bs is detected. after v bs uv reset level, the lock for ho is removed following an ?l? state of the in signal, and then ho responds to the input. lo is independent of v bs to respond to in. *if uv error for v cc is detected when ho is in ?h? level and the falling speed of v cc is exceeds 0.03v/ s, the off signal for ho might not be transmitted from low side to high side and then ho stays ?h?. *if supply voltage drops lower than vponr, output becomes ?l? not after tvccuv or tvbsuv but after tponr(fil).
mitsubishi semiconductors high voltage half bridge driver M81734FP 5 may. 2010 4. supply start up sequence please start up v cc supply and v bs supply in that order, and, please shut down v bs supply and v cc supply in that order. please start up v cc supply and v bs supply with gentle slope. if you start up supply with sharp slope, there is some possibility that ho or lo outputs ?h? for a moment. if v cc supply is less than 10v(outside of re commended operating conditions), t here is some possibility that output does not change in response to input. please evaluate care fully about supply start up or restart after shut down in your application systems. package outline


▲Up To Search▲   

 
Price & Availability of M81734FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X